PART |
Description |
Maker |
8001401ZX |
FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
|
Anaren Microwave
|
AD381SH AD381SH_883B AD381 AD382 AD380SH_883B AD38 |
(AD380 / AD382) High Speed / Low Drift FET Operational Amplifier 8-Channel 14-Bit Single-Supply Voltage-Output DAC; Package: LFCSP (9x9mm, 7.10 exposed pad); No of Pins: 64; Temperature Range: Industrial High Speed, Low Drift FET Operational Amplifier OP-AMP, 1000 uV OFFSET-MAX, BCY12
|
AD[Analog Devices] Analog Devices, Inc.
|
ISL83485 ISL83485IB ISL83485IP ISL83483 ISL83488 I |
N-CHANNEL SILICON JUNCTION FET SOT23 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 3.3V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers 3.3V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers There is no valid match for the device number entered.
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
2SK1358 |
FET Silicon N Channel MOS Type(for High Speed High Current DC-DC Converter Relay Drive and Motor Diver) Field Effect Transistor FET, Silicon N Channel MOS Type(for High Speed, High Current DC-DC Converter, Relay Drive and Motor Diver) FET/ Silicon N Channel MOS Type(for High Speed/ High Current DC-DC Converter/ Relay Drive and Motor Diver)
|
TOSHIBA[Toshiba Semiconductor]
|
RJK0391DPA RJK0391DPA-00-J5A RJK0391DPA-13 RJK0391 |
N Channel Power MOS FET High Speed Power Switching 30V, 50A, 2.9m?max. N Channel Power MOS FET High Speed Power Switching
|
Renesas Electronics Corporation
|
2SK1365 E001341 K1365 |
FET, Silicon N Channel MOS Type(for High Speed, High Current Switching, Switching Power Supply) HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS SWITCHING POWER SUPPLY APPLICATIONS From old datasheet system FET/ Silicon N Channel MOS Type(for High Speed/ High Current Switching/ Switching Power Supply)
|
Toshiba Corporation Toshiba Semiconductor
|
BC846-BC850 Q62702-C1746 Q62702-C1772 Q62702-C1885 |
From old datasheet system NPN Silicon AF Transistors (For AF input stages and driver applications High current gain) High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
M29F040B M295V040B-70N1R M295V040B-70K1R M295V040B |
4 Mbit 512Kb x8 / Uniform Block Single Supply Flash Memory Excalibur Low-Noise High-Speed JFET-Input Dual Operational Amplifier 8-SOIC CONNECTOR ACCESSORY Quad Low-Noise High-Speed JFET-Input Operational Amplifier 16-SOIC 4兆位512KB的8,统一座单电源闪存 KPT 2C 2#20 SKT PLUG 4兆位512KB的8,统一座单电源闪存 4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory 4兆位512KB的8,统一座单电源闪存 JFET-Input High Speed Low Noise Quad Operational Amplifier 20-LCCC -55 to 125 4兆位512KB的8,统一座单电源闪存 8-Pin DIP 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler No Base; Package: DIP-W; No of Pins: 8; Container: Bulk 4兆位512KB的8,统一座单电源闪存 512K X 8 FLASH 5V PROM, 70 ns, PDIP32
|
ST Microelectronics 意法半导 STMicroelectronics N.V. NUMONYX
|
2SK2736 |
Silicon N Channel DVL MOS FET High Speed Power Switching Silicon N Channel DV-L MOS FET High Speed Power Switching
|
HITACHI[Hitachi Semiconductor]
|
OP-15FH LT0015 OP-16GN8 OP-15 OP-15A OP-15AH OP-15 |
OP-AMP, 3000 uV OFFSET-MAX, 7.2 MHz BAND WIDTH, PDIP8 PLASTIC, DIP-8 Precision, High Speed JFET-Input Operational Amplifiers OP-AMP, 3000 uV OFFSET-MAX, 5.4 MHz BAND WIDTH, MBCY8 Precision, High Speed JFET-Input Operational Amplifiers OP-AMP, 3000 uV OFFSET-MAX, 7.2 MHz BAND WIDTH, PDIP8 Precision, High Speed JFET-Input Operational Amplifiers OP-AMP, 500 uV OFFSET-MAX, 8 MHz BAND WIDTH, MBCY8 Precision, High Speed JFET-Input Operational Amplifiers OP-AMP, 3000 uV OFFSET-MAX, 7.2 MHz BAND WIDTH, MBCY8 Precision, High Speed JFET-Input Operational Amplifiers OP-AMP, 1000 uV OFFSET-MAX, 7.6 MHz BAND WIDTH, MBCY8 Precision / High Speed JFET-Input Operational Amplifiers From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
NP36N055HLE NP36N055HHE NP36N055IHE |
Nch MOS FET for High-speed switching
|
NEC
|
MTB10N60E7 ON2391 MTB10N60E7-D MTB10N60E7T4 |
TMOS 7 E-FET High Energy Power FET N-Channel Enhancement-Mode Silicon Gate TMOS 7 E-FET High Energy Power FET From old datasheet system TMOS POWER FET 10 AMPERES 600 VOLTS
|
ON Semiconductor
|